Part Number Hot Search : 
EL4093C KBPC8 TSOP2230 MAB03048 OPB704 LA4182 1103E SLG55031
Product Description
Full Text Search
 

To Download MASW-007588 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs Broadband SPDT Switch DC - 6.0 GHz
Features
* * * * * * * * * * * UNII, Hiperlan, and 802.11a+b/g Applications Broadband Performance: DC-6 GHz Low Insertion Loss: 0.9 dB at 6 GHz High Isolation: 28 dB Typical Fast Switching Speed: 0.5 m GaAs PHEMT High Power: 36 dBm P1dB Fast Settling for Low Gate Lag Requirements Lead-Free 3 mm 12-lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
MASW-007588 V1
Functional Schematic
GND RFC GND
VC1
VC2
RF1
RF2
GND
GND
GND
GND
GND
Description
M/A-COM's MASW-007588 is a broadband GaAs PHEMT MMIC SPDT switch in a low cost, lead-free 3 mm 12-lead PQFN package. The MASW-007588 is ideally suited for applications where very small size and low cost are required. The MASW-007588, with its small size and low height, is ideal for 802.11a and 802.11b/g PC card and access point applications. The MASW-007588 delivers high isolation, low insertion loss and high linearity up to 6 GHz. The MASW-007588 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
PIN No.
1 2 3 4 5 6 7 8 9 10 11 12 13
PIN Name
VC1 RF1 GND GND GND GND GND RF2 VC2 GND RFC GND Paddle
2
Description
Control 1 RF Port 1 Ground Ground Ground Ground Ground RF Port 2 Control 2 Ground RF Input Ground RF and DC Ground
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
Ordering Information1
Part Number
MASW-007588-TR3000 MASW-007588-000SMB
Absolute Maximum Ratings 3,4
Package
3000 piece reel Sample Test Board (Includes 5 Samples)
Parameter
Input Power @ 3 V Control Input Power @ 5 V Control Operating Voltage Operating Temperature Storage Temperature
Absolute Maximum
+37 dBm +39 dBm +8.5 volts -40C to +85C -65C to +150C
1.
Reference Application Note M513 for reel size information.
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband SPDT Switch DC - 6.0 GHz
Electrical Specifications5: TA = 25C, Z0 = 50, Vc = 0 V/3 V, Pin = 0 dBm
Parameter
Insertion Loss
MASW-007588 V1
Test Conditions
2.4 GHz 5.3 GHz 5.8 GHz 2.4 GHz 5.3 GHz 5.8 GHz DC - 6 GHz Two Tone, +15 dBm/Tone, 5 MHz Spacing, >50 MHz 2.4 GHz, Vc = 3.0 V 5.8 GHz, Vc = 3.0 V 2.4 GHz, Vc = 5.0 V 5.8 GHz, Vc = 5.0 V Two Tone, +15 dBm/Tone, 5 MHz Spacing, >50 MHz 2.4 GHz, Vc = 3.0 V 5.8 GHz, Vc = 3.0 V 2.4 GHz, Vc = 5.0 V 5.8 GHz, Vc = 5.0 V 2.4 GHz 5.3 GHz 5.8 GHz 2.4 GHz, Pin = +20 dBm 5.8 GHz, Pin = +20 dBm 2.4 GHz, Pin = +20 dBm 5.8 GHz, Pin = +20 dBm 10% to 90% RF and 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF -- |Vc| = 3 V
Units
dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm nS nS mV A
Min.
-- -- -- 24 23 21 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.70 0.85 0.85 29 28 26 20 98 81 107 87 57 53 57 54 40 36 37 -72 -69 -85 -75 55 80 14 15
Max.
1.05 1.2 1.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 25
Isolation
Return Loss IP2
IIP3
Input P-1dB
2nd Harmonic 3rd Harmonic T-rise, T-fall Ton, Toff Transients Control Current
Truth Table 5,6,7
Control V1
1 0
Handling Procedures
RFC- RF1 RFC--RF2
On Off Off On
Control V2
0 1
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
5. For positive voltage control, external DC blocking capacitors are required on all RF ports. 6. Differential voltage, V(state 1) - V(state 0), must be +2.7 V minimum and must not exceed +5 V. 7. 0 = 0 0.2 V, 1 = +2.9 V to +5 V.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband SPDT Switch DC - 6.0 GHz
Typical Performance Curves
Insertion Loss
1.4
MASW-007588 V1
Isolation
40
+25C +85C -30C
1.2
+25C +85C -30C
35
1.0 30 0.8 25 0.6
0.4 1 2 3 4 5 6
20 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Return Loss
0 -5 -10 -15 -20 -25 -30 -35 -40 1 2 3 4 5 6
+25C +85C -30C
Application Schematic
C1, C2, C3 = 8 pF C3
GND
RFC
GND
VC1 RF1 C1 GND
VC2 RF2 C2 GND
Frequency (GHz)
Lead-Free 3 mm 12-lead PQFN
GND
GND
GND
Reference Application Note M538 for lead-free solder reflow recommendations.
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-007588

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X